Part Number Hot Search : 
16FF56 ATTIN ADM148 BPC250 1MBI1600 LFZ28V02 Y6215 MAZ7200
Product Description
Full Text Search
 

To Download 80SQ05 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  80SQ05 80SQ05 schottky barrier rectifier diodes schottky-barrier-gleichrichterdioden version 2007-11-06 dimensions - ma?e [mm] nominal current nennstrom 8 a repetitive peak reverse voltage periodische spitzensperrspannung 50 v plastic case kunststoffgeh?use ? 5.4 x 7.5 [mm] (~ do-27) weight approx. gewicht ca. 1 g plastic material has ul classification 94v-0 geh?usematerial ul94v-0 klassifiziert standard packaging taped in ammo pack standard lieferform gegurtet in ammo-pack maximum ratings and characteristics grenz- und kennwerte type typ repetitive peak reverse voltage periodische spitzensperrspannung v rrm [v] surge peak reverse voltage sto?spitzensperrspannung v rsm [v] forward voltage durchlass-spannung v f [v] 1 ) i f = 5 a i f = 8 a 80SQ05 50 50 < 0.50 < 0.55 max. average forward rectified current, r-load dauergrenzstrom in einwegschaltung mit r-last t a = 75c i fav 8 a 1 ) repetitive peak forward current periodischer spitzenstrom f > 15 hz i frm 30 a 2 ) peak forward surge current, 50/60 hz half sine-wave sto?strom fr eine 50/60 hz sinus-halbwelle t a = 25c i fsm 155/180 a rating for fusing, t < 10 ms grenzlastintegral, t < 10 ms t a = 25c i 2 t 132 a 2 s junction temperature C sperrschichttemperatur ... in dc forward mode C bei gleichstrom-durchlassbetrieb storage temperature C lagerungstemperatur t j t j t s -50...+150c 200c -50...+175c 1 t j = 25c 1 valid, if leads are kept at ambient temperature at a distance of 10 mm from case gltig, wenn die anschlussdr?hte in 10 mm abstand vom geh?use auf umgebungstemperatur gehalten werden ? diotec semiconductor ag http://www.diotec.com/ 1 t y p e ? 1.2 0.05 ? 5.4 0.2 6 2 . 5 0 . 5 7 . 5 + 1 . 0
80SQ05 characteristics kennwerte leakage current sperrstrom t j = 25c t j = 100c v r = v rrm i r < 500 a < 20 ma thermal resistance junction to ambient air w?rmewiderstand sperrschicht - umgebende luft r tha < 15 k/w 1 ) thermal resistance junction to leads w?rmewiderstand sperrschicht - anschlussdraht r thl < 6 k/w 1 valid, if leads are kept at ambient temperature at a distance of 10 mm from case gltig, wenn die anschlussdr?hte in 10 mm abstand vom geh?use auf umgebungstemperatur gehalten werden 2 http://www.diotec.com/ ? diotec semiconductor ag forward characteristics (typical values) durchlasskennlinien (typische werte) 80SQ05 10 10 1 10 10 2 -1 -2 [a] i f 0 v f 0.4 0.6 [v] 1.0 120 100 80 60 40 20 0 [%] i fav rated forward current vs. ambient temperature in abh. v. d. umgebungstemp. zul. richtstrom [c] t a 150 100 50 0 vr < 50% vrrm vr < 80% vrrm dc


▲Up To Search▲   

 
Price & Availability of 80SQ05

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X